PART |
Description |
Maker |
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
6240-99-995-1170 6240-99-995-1183 6240-99-995-1232 |
LAMP BA9S 6.5V 2W LAMP MES 24V 2.8W Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References LAMP BA9S 24V 2.9W 灯BA9S 24V2.9W FILAMENT LAMP 12V 183MA 白炽2V83MA High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package 灯MES4V的为1.2W CMOS Monolithic Voltage Converter 12V.2W的灯BA9S CMOS Monolithic Voltage Converter MES.5VW的灯
|
Electronic Theatre Controls, Inc. Dialight PLC Molex, Inc. ITT, Corp.
|
MC74LCX244 MC74LCX244DT MC74LCX244DW MC74LCX244M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
EM680FV8A |
1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
IS62WV51216ALL IS62WV51216BLL-45B IS62WV51216ALL-7 |
512K X 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
FMP3217BA7-FXXX FMP3217BA7-GXXX FMP3217BA7-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
SE5509B SE5509BALG-LF SE5509BBLG-LF SE5509BCLG-LF |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|